PART |
Description |
Maker |
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
MC100E431FNG MC100E431FNR2G MC10E43106 MC10E431FNR |
5V ECL 3-Bit Differential Flip-Flop
|
ONSEMI[ON Semiconductor]
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
SY10EP451L0705 |
3.3V ECL 6-Bit Differential Register with Master Reset
|
Micrel Semiconductor
|
SY10EP451LTG SY100EP451L SY100EP451LTG SY100EP451L |
3.3V ECL 6-Bit Differential Register with Master Reset
|
MICREL[Micrel Semiconductor]
|
P6SMBJ13 P6SMBJ36 P6SMBJ90CA P6SMBJ P6SMBJ10 P6SMB |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 2.5V / 3.3V ECL ÷2, ÷4, ÷8 Clock Generation Chip; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 3.3V / 5V ECL ÷2 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 表面贴装瞬态电压抑制电 5.0 - 170Volts 5V ECL Quint 2-Input XOR/XNOR Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 表面贴装瞬态电压抑制电 5.0 - 170Volts SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts 表面贴装瞬态电压抑制电 5.0 - 170Volts 3.3V ECL Dual 1:3 Fanout Buffer; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 5V ECL Quint 2-Input AND/NAND Gate; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 3.3V ECL ÷2 Divider; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V ECL 9-Bit Magnitude Comparator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tray; Qty per Container: 250 BBG ECL MLTIPLXR 16CHAN; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 5V ECL 1:2 Differential Fanout Buffer; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 5V ECL 2-Bit 8:1 Multiplexer; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 2-Input Differential AND/NAND; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 3.3V ECL Differential Clock D Flip-Flop; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 NECL OUTPUT TRANSLATOR; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 BBG ECL COUNTER 8BIT; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500
|
PanJit International, Inc. Surge Components, Inc. SURGE[Surge Components] http://
|
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
SDB2920 SDB2921 SDB2927 SDB2929 SDB292A SDB292B |
2.5 V, /-100 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-50 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-25 ppm, differential positive ECL fast edge crystal clock oscillator 2.5 V, customer specific, differential positive ECL fast edge crystal clock oscillator 2.5 V, /-20 ppm, differential positive ECL fast edge crystal clock oscillator
|
NEL Frequency Controls
|
MC10H601FN MC10H601FNG MC10H601FNR2 MC10H601FNR2G |
9-Bit ECL-TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 9−Bit ECL to TTL Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|